Part Number Hot Search : 
FCH10A10 S1500 PC3500 MC3405 LT1461ED ES1JE 00201 LV2105V
Product Description
Full Text Search
 

To Download B3842A1P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bay Linear
Inspire the Linear Power
Current Mode PWM Controller Description
The Bay Linear B3842/43/44/45 are fixed frequency currentmode PWM controller. These devices are designed for OffLine and DC-to-DC converter applications with minimum external components. The B3842 family Feature a trimmed oscillator for precise duty cycle control, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totempole output. Ideally suited for driving a power N-Channel MOSFET's. It is low when is on off stage. Protection circuitry includes built in under-voltage lockout and current limiting. Major differences between members of these series are the UVLO thresholds and maximum duty-cycle ranges. Typical UVLO thresholds of 16V (on) and 10V (off) on the B3842 and B3844 devices make them ideally suited to off-line applications. These corresponding typical thresholds for the B3842 and B3845 devcies are 8.4V (on) and 7.6V (off). The B3842 and B3843 devcies can operate to duty cycles approaching 100%. A duty-Cycle range of 0 to 50% is obtained by the B3844 and B3845 by the addition of an internal toggle flip-flop, which blanks the output off every other clock cycle. It id available in 8 pin DIP and SOIC packages.
B3842/43/44/45A&A1
* * * * * Low Start-Up and Operating Current Maximum Duty Cycle Operating Frequency Up to 500KHz Under voltage Lockout with Hysteresis Available in 8 pin SOIC Similar to industry Standard UC3842
Features
*
Applications
* * Switching Power Supply Monitor
Pin Connection
Ordering Information
Devices
B384X(Z)M B384X(Z)P Z=A ON Semi
Package
Temp.
SO-8 0 C to 70 C 8-DIP 0 C to 70 C Z=A1 Fairchild & Samsung
8-Pin Surface Mount
COMP NC 1 2 3 4 8 7 6 5 REF VCC OUTPUT GND
ISENSE RT/CT
Top View
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Absolute Maximum Rating
Parameter
Supply Voltage Output Current Analog Input (pin 2,3) Error Amp Output Sink Current Power Dissipation Storage Temperature Range Lead Temperature (Soldering 10 Sec.)
Symbol
VCC IO V(ANA) ISINK (E.A) PD T TL
Value
30 1 -0.3 to 6.3 10 1 -65 to 150 260
Unit
V A V mA W C C
Electrical Characteristics
(VCC = 15V;RT = 10, CT = 3.3nF, TA=0 C to +70C, unless otherwise specified) Parameter Symbol Conditions MIN REFERENCE SECTION
Reference Voltage Line Regulation VREF REG (line) TJ = 25 C. IREF= 1mA 12VVCC25V 1mAIREF20mA T= 25 C T= 25 C 4.90 -
TYP
5.00 6
MAX
5.10 20
UNIT
V mA
Load Regulation
REG
(LOAD)
-
6
25
Short Circuit Output Current
ISC
-
-100
-180
mA
OSCILLATOR SECTION Oscillator Frequency f Frequency Change with f/VCC Voltage Oscillator Amplitude VOSC ERROR AMPLIFIER SECTION Input Bias Current IBIAS Input Voltage VI(E>A) Open Loop Voltage Gain GVO Power Supply Rejection PSRR Ratio Output Sink Current ISINK Output Source Current ISOURCE High Output Voltage VOH Low Output Voltage VOL OUTPUT SECTION Low Output Voltage VOL High Output Voltage Rise Time Fall Time VOH tR tF
T= 25 C 12VVCC25V
47 2.42 65 60 2 -0.6 5 13 12 -
52 0.05 1.6 -0.1 2.50 90 70 7 -1.0 6 0.8 0.08 1.4 13.5 13.0 45 35
57 1 -2 2.58 1.1 0.4 2.2 150 150
KHz % VP-P A V dB dB mA mA V V V V ns ns
V1 =2.5V 2VVO4V 12VVCC25V V2 =2.7V, V1 =1.1V V2=2.3, V1=5V V2=2.3, RL= 15 to GND V2=2.7, RL= 15 to pin 8 ISINK = 20mA ISINK = 200mA Source = 20mA Source = 200mA TJ = 25 C, CL=1nF (note3) TJ = 25 C, CL=1nF (note3)
Note: Output Switch tests are performed under pulsed conditions to minimize power dissipation
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Electrical Characteristics
(VCC = 15V;RT = 10, CT = 3.3nF, TA=0 C to +70C, unless otherwise specified) Parameter Symbol Conditions MIN
CURRENT SENSE SECTION Gain GV (Note 1 & 2) Maximum input Signal VI(MAX) V1 = 5V (Note 1) Power Supply Rejection PSRR 12VVCC25V Ratio Input Bias Current IBIAS UNDER-VOLTAGE LOCKOUT SECTION B3842/B3844 Start Threshold VTH(ST) B3843/B3845 B3842/B3844 Min-Operating Voltage VOPR(MIN) (after Turn On) B3843/B3845 PWM SECTION B3842/B3843 Max Duty Cycle D(MAX) B3844/B3845 Min Duty Cycle D (MIN) TOTAL STANDBY CURRENT B3842A/43A/44A/45A Start-Up Current IST B3842A1/43A1/44A1/45A1 Operating Supply Current ICC(OPR) V3=V2=ON Zener Voltage VZ ICC 2.85 0.9
TYP
3 1 70 -3
MAX
3.15 1.1 -10 17.5 9 11.5 8.2 100 50 0 0.3 1 17 -
UNIT
V/V V dB A V V
14.5 7.8 8.5 7.0 95 47 30
16 8.4 10 7.6 97 48 0.17 0.45 14 38
% % mA mA V
Block Diagram
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Figure 1: Error Amp Configuration
Figure 2: Under-Voltage Lockout
3842
3843
Figure 3: Current Sense Circuit
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Figure 4: Slope Conpensation Techigues
B3842A
B3842A
Figure 5:Latched Shutdown
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
Advance Information- These data sheets contain descriptions of products that are in development. The specifications are based on the engineering calculations, computer simulations and/ or initial prototype evaluation. Preliminary Information- These data sheets contain minimum and maximum specifications that are based on the initial device characterizations. These limits are subject to change upon the completion of the full characterization over the specified temperature and supply voltage ranges.
The application circuit examples are only to explain the representative applications of the devices and are not intended to guarantee any circuit design or permit any industrial property right to other rights to execute. Bay Linear takes no responsibility for any problems related to any industrial property right resulting from the use of the contents shown in the data book. Typical parameters can and do vary in different applications. Customer's technical experts must validate all operating parameters including " Typical" for each customer application.
LIFE SUPPORT AND NUCLEAR POLICY Bay Linear products are not authorized for and should not be used within life support systems which are intended for surgical implants into the body to support or sustain life, in aircraft, space equipment, submarine, or nuclear facility applications without the specific written consent of Bay Linear President.
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com


▲Up To Search▲   

 
Price & Availability of B3842A1P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X